Part Number Hot Search : 
12E629 BSP372N AX117CAI 74ALVC1 M55342H EVAL5985 VAL1Z RFV5BM6S
Product Description
Full Text Search
 

To Download LNG8B4LPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Round Type
1.5 Max. NOT SOLDERED
4.8 mm GaAsP
Conventional Part No. Global Parts No. Lighting Color
Unit: mm
5.8 0.2
2. 3 R
1.5
4.8 0.2
2.3 2.2 6.7 0.2
2.4
LNG4B4NPY *********** LNG4B4NPY *********** Amber LNG8B4LPD ************ LNG8B4LPD ************ Orange
2 - 0.65 Max
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Amber 90 30 150 4 -25 +85 -30 +100 -25 +85 -30 +100 Orange 90 30 150 3
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2 - 0.4 0.1
1
2
(1.5)
(5.0)
21.5 2.0
0.4 0.1
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LNG4B4NPY LNG8B4LPD Unit Lighting Lens Color Color Amber Clear Orange Clear - - IO Typ 50 80 mcd Min - 30 mcd IF 20 20 mA Typ 2.2 2.1 V VF Max 2.8 2.8 V P Typ 590 630 nm Typ 30 40 nm IR IF 20 20 mA Max 10 10 A VR 4 3 V
IO IF
1000 500 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
30
LN G8 B4 LP LN D G4 B4 NP Y
LN
100 50 30
10 5 3
PY 4N 4B G LN
G
8B
4L
PD
100 50 30
LNG8B4LPD
LNG4
B4NP
Y
10 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10
-20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
IF Ta
50
Relative Luminous Intensity
100 80
Directive Characteristics
20 10 30 40 0 80 60 10 20 30 40 50 60 40 20 80 60 40 20 0 20 40 60 80 70
Forward Current
80 90 100
LNG8B4LPD
40
30
60 40 20 0
LNG4B4LPD
50 60 70 80
20
10
500
550
600
650
90 100
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
172


▲Up To Search▲   

 
Price & Availability of LNG8B4LPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X